Part Number Hot Search : 
SK163 716MNM WT8043 AT45DB SR2030 TVR10101 US211E TMXW203
Product Description
Full Text Search
 

To Download SB5A0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features metal-semiconductor junction with guard ring epitaxial construction low forward voltage drop,low switching losses high surge capability mechanical data cas e:jedec do--27,m olded plas tic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight: 0.041 ounces,1.15 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. sb530 sb540 sb550 sb560 sb580 SB5A0 units maximum recurrent peak reverse voltage v rrm v max imu m rms v o lta ge v rms v maximum dc blocking voltage v dc v maximum average f orw ard rectif ied current 9.5mm lead length, (see fig.1) peak f orw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg galaxy electrical 150.0 5.0 sb520 20 30 40 50 60 80 100 14 21 28 35 42 56 70 20 30 40 50 60 80 100 i fsm sb520 - - - SB5A0 3.thermal resistance junction to ambient ma i r v 0.55 0.67 0.85 50.0 25.0 0.5 note: 1. pulse test : 300 s pulse width,1% duty cy cle. 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. a 10 -55 --- +150 50 maximum instantaneous f orw ard voltage @ 5.0 a (note 1) v f -55 --- +150 a for use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications i f(av) schottky barrier rectif ier voltage range: 20 --- 100 v current: 5.0 a do - 27 the plastic material carries u/l recognition 94v-0 maximum ratings and electrical characteristics www.galaxycn.com bl document number 0266028 1. bl galaxy electrical www.datasheet.co.kr datasheet pdf - http://www..net/
0 20 0.001 0.1 10 100 1.0 0.01 t j =125 40 60 80 100 120 140 t j =75 ?? t j =25 www.galaxycn.com document number 0266028 2. average forward current amperes ratings and characteristic cu rves sb520 - - - SB5A0 fig.4--typical junction capacitance instantaneous forward current, amperes instantaneous forward voltage. volts fig.5--typical reverse characteristics peak forward surge current amperes lead temperature, reverse voltage , volts milli amperes instantaneous reverse current capacitance , pf percent of rated peak reverse voltage. number of cycles at 60h z fig.2 --typical forward charcteristics fig.1 -- forward current derating curve fig.3 --max non-repetitive peak fwd surge current 0.6 0 0.2 0.4 0.8 1.0 0.1 40 sb520-sb540 sb550-sb560 t j -25 1.0 10 pulse width =300 75 0 25 50 100 125 150 0 1 2 4 3 5 resistive or inductive load 0.375"(9.5mm) lead length sb520 - sb540 sb550 - SB5A0 sb580-SB5A0 www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SB5A0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X